Part Number Hot Search : 
TDA8954 1BIM5 0746951 80001 12N10 42375 MSM7582B AX200
Product Description
Full Text Search
 

To Download ASI10679 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULBM2TE
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ULBM2TE is Designed for
PACKAGE STYLE TO-39GE
B C OA 45
FEATURES:
* * * OmnigoldTM Metalization System
OD E
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC
O
F
0.40 A 36 V 16 V 4.0 V 5 W @ TC = 25 OC -65 C to +200 C -65 OC to +150 OC 35 OC/W
O
DIM A B C D E F G H
G
H
MINIMUM
inches / mm
MAXIMUM
inches / mm
.200 / 5.080 .029 / 0.740 .028 / 0.720 .355 / 9.020 .315 / 8.010 .165 / 4.200 .500 / 12.700 .016 / 0.410 .045 / 1.140 .034 / 0.860 .370 / 9.370 .335 / 8.500 .180 / 4.570 .750 / 19.050 .020 / 0.508
ORDER CODE: ASI10679
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE Cob PG C IC = 50 mA IC = 50 mA
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
16 36 4.0 1.0
UNITS
V V V mA --pF dB
IE = 1.0 mA VCB = 15 V VCE = 5.0 V VCB = 12.5 V VCE = 12.5 V POUT = 2.0 W IC = 50 mA f = 1.0 MHz f = 470 MHz
20
200 10
8.0 55
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10679

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X